Part Number Hot Search : 
2N2079A 2N67145 74273712 SMAJ17A 1SMA5945 5J352 MURS360B B2566
Product Description
Full Text Search
 

To Download STD3055NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T U/D3055NL
S amHop Microelectronics C orp. P reliminary May.28,2004
N-C hannel E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
25V
F E AT UR E S
( m W ) Max
ID
21A
R DS (ON)
S uper high dense cell design for low R DS (ON).
40@ V G S = 10V 50@ V G S = 4.5V
R ugged and reliable. TO-252 and TO-251 P ackage.
D
D G S
G D
S
G
S TU S E R IE S TO-252AA(D-P AK)
S TU S E R IE S TO-251(l-P AK)
S
AB S OL UTE MAXIMUM R ATINGS
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous a @ TJ=125 C b -P ulsed (300ms Pulse Width) Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange
(TA=25 C unles s otherwis e noted)
S ymbol VDS VGS ID IDM IS PD TJ, TS TG Limit 25 20 21 52 20 50 -55 to 175 Unit V V A A A W C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient
1
R JC R JA
3 50
C /W C /W
S T U/D3055NL
E LE CTR ICAL CHAR ACTE R IS TICS (TA =25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10V, ID =6.0A VGS =4.5V, ID = 5.2A VDS = 5V, VGS = 10V VDS = 10V, ID = 6.0A
Min Typ C Max Unit
25 1 100 0.8 1.1 28 40 25 7.8 559 130 102 1.8 40 50 V uA nA V
m-ohm m-ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =8V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = 10V ID = 1A VGEN = 4.5V R L = 10 ohm RGEN = 6 ohm VDS=15V,ID =9A,VGS=10V VDS=15V,ID =9A,VGS=4.5V VDS =10V, ID = 6A VGS =4.5V
2
15.6 23.3 5.2 9.8 14.7 8.1 3 2.4
ns ns ns ns nC nC nC nC
S T U/D3055NL
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
5
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =10A
Min Typ Max Unit
1 1.3 V
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.S urface Mounted on FR 4 Board, t 10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
20 V G S =3V 16 20
V G S =10,9,8,7,6,5,4V
25 25 C T j=125 C 15 -55 C 10
ID, Drain C urrent(A)
12 V G S =2V 8 4 V G S =1V 0 0 2 4 6 8 10 12
ID, Drain C urrent (A)
5 0 0.0
0.5
1
1.5
2
2.5
3
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
R DS (ON), On-R es is tance(Ohms )
2.2 1.8 1.4 1.0 0.6 0.2 0
F igure 2. Trans fer C haracteris tics
V G S =10V ID=6A
1000
C , C apacitance (pF )
800 600 400 200 0 C rs s 0 4 8 12 16 20 24
C is s
C os s
-50
-25
0
25
50
75
100 125 T j( C )
V DS , Drain-to S ource Voltage (V )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S T U/D3055NL
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 ID=250uA
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
18
F igure 6. B reakdown V oltage V ariation with T emperature
20
gFS , T rans conductance (S )
12 9 6 3 0 V DS =10V 0 5 10 15 20 25
Is , S ource-drain current (A)
15
10
1 0 0.4 0.6 0.8 1.0 T J =25 C 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
70
V G S , G ate to S ource V oltage (V )
8 6 4 2 0 0
VDS =15V ID=9A
50
R
DS
(O
N)
L im
it
10
10 0m s
ms
10 1
1s
DC
1 0.03
VGS =10V S ingle P ulse T c=25 C 0.1 1 10 30 50
2
4
6
8
10 12 14 16
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge
F igure 10. Maximum S afe O perating Area
4
S T U/D3055NL
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
6
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5
P DM t1 1. 2. 3. 4. 10
-3
t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
-4
10
-2
10
-1
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T U/D3055NL
6
S T U/D3055NL
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF.
0.090 82 56 6 0.024
BSC 398 0.064 33 REF.
7
S T U/D3055NL
TO-251 Tube
TO251 Tube/TO-252 Tape and Reel Data
" A"
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
8


▲Up To Search▲   

 
Price & Availability of STD3055NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X